Part Number Hot Search : 
NCE0208I S0104 MODEL 2N6502 TC8600 CLL4701 SB1B0S CLL4701
Product Description
Full Text Search
 

To Download BAS170W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS170W
Silicon Schottky Diode
2 1
General-purpose diode for high-speed switching Circuit protection Voltage clamping High-level detection and mixing
VPS05176
Total power dissipation TS = 97 C Junction temperature
Operating temperature range Storage temperature
Thermal Resistance Parameter Junction - soldering point1)
1For
calculation of RthJA please refer to Application Note Thermal Resistance
1

Type BAS170W
Maximum Ratings Parameter Diode reverse voltage Forward current
Marking 7
Pin Configuration 1=C 2=A -
Package SOD323
Symbol VR IF IFSM Ptot Tj Top Tstg
Value 70 70 100 250 150 -55 ... 125 -55 ... 150
Unit V mA mW C
Surge forward current, t 10 ms
Symbol RthJS
Value 190
Unit K/W
Aug-06-2001
BAS170W
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Breakdown voltage I(BR) = 10 A Reverse current VR = 50 V VR = 70 V Forward voltage IF = 1 mA IF = 10 mA IF = 15 mA VF 300 600 750 375 705 880 410 750 1000 V(BR) IR 0.1 10 mV 70 V A Symbol min. Values typ. max. Unit
AC Characteristics Diode capacitanceVR = 0 V, f = 1 MHz IF = 5 mA, f = 10 kHz IF = 25 mA Series inductance Differential forward resistance Charge carrier life time CT RF 1.5 34 1.8 2 100 pF
rr
LS
2
Aug-06-2001
ps nH
BAS170W
Diode capacitance CT = f = 1MHz
BAS 70W/BAS 170W
f = 10 kHz
EHB00044
2.0 CT pF
10 3 rf
BAS 70W/BAS 170W
EHB00045
1.5
10 2
1.0
10 1
0.5
0.0
0
20
40
60
V VR
80
10 0 0.1
1
10
mA 100
TA = Parameter
BAS 70W/BAS 170W
10 2
EHB00043
100
mA
R
A 10 1
TA = 150 C
80 70
10 0
85 C
IF
60 50
10 -1
40 30
10 -2
25 C
20 10
10 -3
0
20
40
60
V VR
80
0 0
20
40
60
3
Reverse current IR =
(VR)
Forward current IF =
(TS )
80
100
120 C
Aug-06-2001
(VR )
Differential forward resistance rf =
(IF)
F
150
TS
BAS170W
Forward current IF = TA = 25 C
10 2
BAS 70W/BAS 170W
(VF)
Permissible Pulse Load
-5
F
mA 10 1
IFmax/IFDC
10 0 TA = -40 C 25 C 85 C 150 C
10 -1
10 -2
0.0
0.5
10 3
K/W
RthJS
10 2
10 1
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
-5 -4 -3 -2 0
10 0 -6 10
10
10
10
10
Permissible Puls Load RthJS =
IFmax / IFDC =
EHB00042
(tp )
10 3
-
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
1.0
V VF
1.5
10 2 -6 10
10
10
-4
10
-3
10
-2
s
10
0
tP
(tp )
s
10
tP
4
Aug-06-2001


▲Up To Search▲   

 
Price & Availability of BAS170W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X